|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Terminal Systems Sicma-2 1.5 mm female and male terminals Features * * * * * * Sicma technology One-piece construction 3.33 mm pitch High current carrying capacity Low contact mating force Compatible with a large range of connector sealing technologies (single wire sealing, mat-seal) * Suitable for secondary lock * Selective gold-plated versions available Performance characteristics * Contact resistance: * Contact mating force: * Contact unmating force: * Current carrying capacity at 23C up to approx.: at 85C up to approx.: at 100C up to approx.: at 125C up to approx.: < 2 m <5N <4N Packing * No. of terminals per reel: Consult us * No. of reels per packing: Consult us Tooling 21 A 14 A 12 A 6.5 A * Manual crimping tool: * Mini applicator: Consult us Consult us Part Numbers Type Wire size range (in mm2) Min. Max. Insulation O (in mm) Max. Material Plating 211 CC2S1120 211 CC2S2120 211 CC2S1230 211 CC2S2230 211 CL2S1120 211 CL2S2120 211 CL2S1230 211 CL2S2230 Female Female Female Female Male Male Male Male 0.35 1.00 0.35 1.00 0.35 1.00 0.35 1.00 0.75 2.00 0.75 2.00 0.75 2.00 0.75 2.00 2.20 2.60 2.60 2.60 2.20 2.60 2.20 2.60 CuMg CuMg CuMg CuMg CuSn1 CuSn1 CuSn1 CuSn1 Sn Sn Au 1.27m Au 1.27m Sn Sn Au 1.27m Au 1.27m 1.13 Terminal Systems Sicma-2 1.5 mm female and male terminals Dimensional characteristics Notes : Female terminals Male terminals 1.14 |
Price & Availability of 211CL2S2120 |